Part Number Hot Search : 
TDA8512J 18000 SUF204B TC2309 UERP05D BCR450 USB0812C MMST4403
Product Description
Full Text Search
 

To Download PSC12-11GWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 30.48mm(1.2 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
Part Number: PSC12-11GWA
GREEN
Features
1.2 INCH CHARACTER HEIGHT . LOW CURRENT OPERATION. HIGH CONTRAST AND LIGHT OUTPUT. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. CATEGORIZED FOR LUMINOUS INTENSITY. MECHANICALLY RUGGED. STANDARD:GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Description
The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
Package Dimensions & Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice.
SPEC NO: DSAD2409 APPROVED: WYNEC
REV NO: V.8 CHECKED: Joe Lee
DATE: JUN/01/2007 DRAWN: Z.Z.YANG
PAGE: 1 OF 5 ERP: 1311000137
Selection Guide
Iv (ucd) [1] @ 10mA Min. PSC12-11GWA GREEN (GaP) WHITE DIFFUSED 3000 Typ. 12000 Common Cathode, Rt. Hand Decimal
Part No.
Dice
Lens Type
Description
Note: 1. Luminous Intensity/ Luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D[1] 1/2 C VF[2] Forward Voltage Reverse Current Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance c,d,g,h,k,m,n,s,r,t Green a,b,e,f,p,u and DP c,d,g,h,k,m,n,s,r,t Green a,b,e,f,p,u and DP 10 uA VR = 5V 2.2 2.5 10 uA VR = 10V Device Green Green Green Green Typ. 565 568 30 15 4.4 5.0 V IF=20mA Max. Units nm nm nm pF Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz
IR
Notes: 1. Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter c,d,g,h,k,m,n,s,r,t Power dissipation a,b,e,f,p,u and DP c,d,g,h,k,m,n,s,r,t DC Forward Current a,b,e,f,p,u and DP Peak Forward Current [1] Reverse Voltage a,b,e,f,p,u and DP Operating/Storage Temperature Lead Solder Temperature [2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base.
Green 125
Units mW
62.5 25 mA
c,d,g,h,k,m,n,s,r,t 140 a,b,e,f,p,u and DP c,d,g,h,k,m,n,s,r,t 10 V 5 -40C To +85C 260C For 3-5 Seconds mA
SPEC NO: DSAD2409 APPROVED: WYNEC
REV NO: V.8 CHECKED: Joe Lee
DATE: JUN/01/2007 DRAWN: Z.Z.YANG
PAGE: 2 OF 5 ERP: 1311000137
PSC12-11GWA Green
Note:the curves are on the segment a,b,e,f,p,u and DP.
SPEC NO: DSAD2409 APPROVED: WYNEC
REV NO: V.8 CHECKED: Joe Lee
DATE: JUN/01/2007 DRAWN: Z.Z.YANG
PAGE: 3 OF 5 ERP: 1311000137
Green
Note:the curves are on the segment c,d,g,h,k,m,n,s,r and t.
SPEC NO: DSAD2409 APPROVED: WYNEC
REV NO: V.8 CHECKED: Joe Lee
DATE: JUN/01/2007 DRAWN: Z.Z.YANG
PAGE: 4 OF 5 ERP: 1311000137
PACKING & LABEL SPECIFICATIONS
PSC12-11GWA
SPEC NO: DSAD2409 APPROVED: WYNEC
REV NO: V.8 CHECKED: Joe Lee
DATE: JUN/01/2007 DRAWN: Z.Z.YANG
PAGE: 5 OF 5 ERP: 1311000137


▲Up To Search▲   

 
Price & Availability of PSC12-11GWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X